rotary position sensor phs07 ? tt electronics plc issue a 02/2017 page 1 tt electronics | bi technologies 4200 bonita place, fullerton, ca usa 92835 - 1053 |ph: +1 714 - 447 - 2300 www.telectronics.com | sensors@telectronics.com general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all informaton is subject to tt electronics own data and is considered accurate at tme of going to print. features: ? dust - proof constructon protects the interior from dust, which maintains stable characteristcs ? high accuracy and long life over 1 million cycles ? stable output characteristcs can be secured for external noise and temperature changes electrical specifcatons total resistance 500? 1m? total resistance tolerance 20% resistance taper b taper rated voltage dc 5v, ac 50v rated power 0.01w linearity tolerance less than 2% insulated resistance more than 100m? at dc 250v for 1 minute withstand voltage 250v ac for 1 minute mechanical specifcatons total rotatonal angle 360 contnuous rotatonal torque less than 50 gf .com pull strength of rotatonal shaf 500gf min environmental specifcatons storage temperature - 40c to +70c operatng temperature - 10c to +70c dry heat 702c, 2402h, ? tr+5%/ - 30% cold - 302c, 3005h, without load, ? tr20% damp heat 702c, 85% rh, 3005h, ? tr+35/ - 5% temperature cycles - 10c - +70c, 5 cycles, ? tr 10% rotatonal life standard life: 500,000 cycles min.; long life: 1,000,000 cycles min. temperature characteristc 703c, 5h, ? tr+5%/ - 20% soldering conditon wave soldering: 2605c sec max.; manual soldering: 350c10c 3 sec max. operatng temperature range - 10c +70c
rotary position sensor phs07 ? tt electronics plc issue a 02/2017 page 2 general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all informaton is subject to tt electronics own data and is considered accurate at tme of going to print. tt electronics | bi technologies 4200 bonita place, fullerton, ca usa 92835 - 1053 |ph: +1 714 - 447 - 2300 www.telectronics.com | sensors@telectronics.com how to order phs07 - h 1 b 5k e180 1 model series terminal confguraton v side adjust, pc pins h top adjust, pc pins terminal length 1 2.1 mm, top adjust 2 6.4 mm, top adjust 3 9.5 mm, top adjust 1 11.8 mm, side adjust resistance taper total resistance 1k, 2k, 5k, 10k, 20k, 50k, 100k, 200k, 500k, 1meg electrical angle code 180, 200, 220, 280, 300, 310 operaton life blank std. life w/o ant - sulfur 1 std. life w/ ant - sulfur 6 long life w/ ant - sulfur 7 long life w/o ant - sulfur
rotary position sensor phs07 ? tt electronics plc issue a 02/2017 page 3 general note tt electronics reserves the right to make changes in product specifcaton without notce or liability. all informaton is subject to tt electronics own data and is considered accurate at tme of going to print. tt electronics | bi technologies 4200 bonita place, fullerton, ca usa 92835 - 1053 |ph: +1 714 - 447 - 2300 www.telectronics.com | sensors@telectronics.com drawings phs07 - 01h1 phs07 - 01h2 phs07 - 01h3
|